Part Number Hot Search : 
MC79L00A 5KP18 TSOP1533 133BZC SC160C AE10607 20A10 RL156G
Product Description
Full Text Search
 

To Download TSOP1237SA1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSOP11..SA1
Vishay Telefunken
Photo Modules for PCM Remote Control Systems
Available types for different carrier frequencies
Type TSOP1130SA1 TSOP1136SA1 TSOP1138SA1 TSOP1156SA1 fo 30 kHz 36 kHz 38 kHz 56 kHz Type TSOP1133SA1 TSOP1137SA1 TSOP1140SA1 fo 33 kHz 36.7 kHz 40 kHz
Description
The TSOP11..SA1 - series are miniaturized receivers for infrared remote control systems. PIN diode and preamplifier are assembled on lead frame, the epoxy package is designed as IR filter. The demodulated output signal can directly be decoded by a microprocessor. The main benefit is the operation with short burst transmission codes (e.g. RECS 80) and high data rates.
13 645
Features
D Photo detector and preamplifier in one package D Internal filter for PCM frequency D Improved shielding against electrical field
disturbance
D Low power consumption D High immunity against ambient light D Enhanced data rate of 3500 bit/s D Operation with short bursts possible
(6 cycles/burst)
D TTL and CMOS compatibility D Output active low
Block Diagram
2 Input Control Circuit VS
80 kW 3 OUT
PIN AGC Band Pass Demodulator 1
GND
94 8136
Document Number 82140 Rev. 3, 29-Mar-01
www.vishay.com 1 (7)
TSOP11..SA1
Vishay Telefunken Absolute Maximum Ratings
Tamb = 25_C Parameter Supply Voltage Supply Current Output Voltage Output Current Junction Temperature Storage Temperature Range Operating Temperature Range Power Consumption Soldering Temperature Test Conditions (Pin 2) (Pin 2) (Pin 3) (Pin 3) Symbol VS IS VO IO Tj Tstg Tamb Ptot Tsd Value -0.3...6.0 5 -0.3...6.0 5 100 -25...+85 -25...+85 50 260 Unit V mA V mA C C C mW C
(Tamb 85 C) t 10 s, 1 mm from case
x
x
Basic Characteristics
Tamb = 25_C Parameter Supply Current (Pin 2) Supply Voltage (Pin 2) Transmission Distance Output Voltage Low (Pin 3) Irradiance (30 - 40 kHz) Irradiance (56 kHz) Irradiance Directivity Ev = 0, test signal see fig.8, IR diode TSAL6200, IF = 0.4 A IOSL = 0.5 mA,Ee = 0.7 mW/m2, f = fo, test signal see fig.7 Test signal see fig.7 Test signal see fig.8 Test signal see fig.7 Test signal see fig.8 Test signal see fig.7 Angle of half transmission distance Test Conditions VS = 5 V, Ev = 0 VS = 5 V, Ev = 40 klx, sunlight Symbol ISD ISH VS d VOSL 0.4 0.35 0.45 0.40 30 45 Min 0.4 4.5 35 250 0.6 0.5 0.7 0.6 Typ 0.6 1 Max 1.5 5.5 Unit mA mA V m mV
Ee min i Ee max 1/2
mW/m2 W/m2 deg
Application Circuit
100 W *) 2 TSOP11.. TSAL62.. 3 **) 1
12755
+5V >10 kW optional
4.7 mF *)
mC
GND
*) recommended to suppress power supply disturbances **) The output voltage should not be hold continuously at a voltage below 3.3V by the external circuit.
www.vishay.com 2 (7)
Document Number 82140 Rev. 3, 29-Mar-01
TSOP11..SA1
Vishay Telefunken Suitable Data Format
The circuit of the TSOP11..SA1 is designed in that way that unexpected output pulses due to noise or disturbance signals are avoided. A bandpassfilter, an integrator stage and an automatic gain control are used to suppress such disturbances. The distinguishing mark between data signal and disturbance signal are carrier frequency, burst length and duty cycle. The data signal should fullfill the following condition: * Carrier frequency should be close to center frequency of the bandpass (e.g. 38kHz). * Burst length should be 6 cycles/burst or longer. * After each burst which is between 6 cycles and 70 cycles a gap time of at least 10 cycles is neccessary. * For each burst which is longer than 1.8ms a corresponding gap time is necessary at some time in the data stream. This gap time should have at least same length as the burst. * Up to 2200 short bursts per second can be received continuously. Some examples for suitable data format are: NEC Code, Toshiba Micom Format, Sharp Code, RC5 Code, RC6 Code, RCMM Code, R-2000 Code, RECS-80 Code. When a disturbance signal is applied to the TSOP11..SA1 it can still receive the data signal. However the sensitivity is reduced to that level that no unexpected pulses will occure. Some examples for such disturbance signals which are suppressed by the TSOP11..SA1 are: * DC light (e.g. from tungsten bulb or sunlight) * Continuous signal at 38kHz or at any other frequency * Signals from fluorescent lamps with electronic ballast (an example of the signal modulation is in the figure below).
0
5
10 time [ms]
15
20
IR Signal from Fluorescent Lamp with low Modulation
Document Number 82140 Rev. 3, 29-Mar-01
www.vishay.com 3 (7)
TSOP11..SA1
Vishay Telefunken Typical Characteristics (Tamb = 25_C unless otherwise specified)
Ee min - Threshold Irradiance ( mW/m2 ) 1.0 /eE - Rel. Responsitivity 0.8 2.0 f ( E ) = f0 1.6 1.2 0.8 0.4 0.0 0.7
94 9102
0.6
0.4 0.2 0.0 0.8 0.9 1.0 1.1 1.2 1.3 f / f0 - Relative Frequency
Df ( 3 dB ) = f0 / 7
f = f0
"5%
eE min
0.0
94 8147
0.4
0.8
1.2
1.6
2.0
E - Field Strength of Disturbance ( kV / m )
Figure 1. Frequency Dependence of Responsivity
0.30 tpo - Output Pulse Length (ms) 0.25 0.20 Input burst duration 0.15 0.10 0.05 0 0.1
12751
Figure 4. Sensitivity vs. Electric Field Disturbances
10 f = f0 1 kHz
Ee min - Threshold Irradiance ( mW/m2 )
10 kHz 1
l = 950 nm, optical test signal, fig.7
100 Hz
1.0
10.0
100.0 1000.0 10000.0 mW/m2 )
94 9106
0.1 0.01
0.1
1
10
100
1000
Ee - Irradiance (
DVs RMS - AC Voltage on DC Supply Voltage ( mV )
Figure 2. Pulse Length and Sensitivity in Dark Ambient
5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0.01 0.10 1.00 10.00 100.00 Ambient, l = 950 nm Correlation with ambient light sources ( Disturbance effect ) : 10W/m2 ( Stand.illum.A, T = 2855 K )^8.2 klx ( Daylight, T = 5900 K )
Figure 5. Sensitivity vs. Supply Voltage Disturbances
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -30 -15 0 15 30 45 60 75 90 Sensitivity in dark ambient
E e min - Threshold Irradiance (mW/m2 )
^1.4klx
E e min - Threshold Irradiance (mW/m2 )
96 12111
E - DC Irradiance (W/m2)
96 12112
Tamb - Ambient Temperature ( C )
Figure 3. Sensitivity in Bright Ambient
Figure 6. Sensitivity vs. Ambient Temperature
www.vishay.com 4 (7)
Document Number 82140 Rev. 3, 29-Mar-01
TSOP11..SA1
Vishay Telefunken
Ee Optical Test Signal ( IR diode TSAL6200, IF=0.4 A, N=6 pulses, f=f0, T=10 ms ) T on ,T - Output Pulse Length (ms) off 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0.1 t tpo2 )
12753
Ton
tpi
*
t
* tpi VO VOH VOL td1 )
w 6/fo is recommended for optimal function
14337
T
Toff
Output Signal
1) 2)
l = 950 nm, optical test signal, fig.8
3/f0 < td < 9/f0 tpi - 4/f0 < tpo < tpi + 6/f0
1.0
10.0
100.0 1000.0 10000.0
Ee - Irradiance (mW/m2)
Figure 7. Output Function
Ee Optical Test Signal 1.0 0.9 I s - Supply Current ( mA ) 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1
Figure 10. Output Pulse Diagram
Vs = 5 V
600 ms T = 60 ms
600 ms
t
94 8134
VO VOH VOL
Output Signal, ( see Fig.10 )
0 -30 -15 Ton Toff t
96 12115
0
15
30
45
60
75
90
Tamb - Ambient Temperature ( C )
Figure 8. Output Function
1.0 0.9 0.8 Envelope Duty Cycle 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0
16152
Figure 11. Supply Current vs. Ambient Temperature
f = 38 kHz
S ( l ) rel - Relative Spectral Sensitivity
1.2 1.0 0.8 0.6 0.4 0.2 0 750
10
20
30
40
50
60
70
80
90
94 8408
850
950
1050
1150
Burstlength [number of cycles/burst]
l - Wavelength ( nm )
Figure 9. Max. Envelope Duty Cycle vs. Burstlength
Figure 12. Relative Spectral Sensitivity vs. Wavelength
Document Number 82140 Rev. 3, 29-Mar-01
www.vishay.com 5 (7)
TSOP11..SA1
Vishay Telefunken
0 10 20 30 0 10 20 30
40 1.0 0.9 0.8 0.7 50 60 70 80 0.6
95 11339p2
40 1.0 0.9 0.8 0.7 50 60 70 80 0.6
95 11340p2
0.6 0.4 0.2 0 0.2 0.4 drel - Relative Transmission Distance
0.6 0.4 0.2 0 0.2 0.4 drel - Relative Transmission Distance
Figure 13. Vertical Directivity y
Figure 14. Horizontal Directivity x
Dimensions in mm
12829
www.vishay.com 6 (7)
Document Number 82140 Rev. 3, 29-Mar-01
TSOP11..SA1
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
Document Number 82140 Rev. 3, 29-Mar-01
www.vishay.com 7 (7)


▲Up To Search▲   

 
Price & Availability of TSOP1237SA1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X